PART |
Description |
Maker |
153CNQSERIES 153CNQ100 153CNQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 150 Amp 100V 150A Schottky Common Cathode Diode in a D-60 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
30WQ10F 30WQ09F |
90V 3.3A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER 3.3 Amp 3.3 Amp Schottky Rectifier(3.3 A 肖特基整流器)
|
IRF[International Rectifier]
|
72CPQ030 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 70 Amp 30V 70A Schottky Common Cathode Diode in a TO-247AC package
|
IRF[International Rectifier]
|
SSR1045G SSR1045G1 |
10 AMPS 45 VOLTS SCHOTTKY RECTIFER 10 A, 45 V, SILICON, RECTIFIER DIODE SURFACE MOUNT SCHOTTKY RECTIFIER
|
Solid State Devices, Inc. Solid States Devices, Inc
|
B120B10 B1XX-13-F B1XXB-13-F B150-13-F B140-13-F B |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER RECTIFIER SCHOTTKY SINGLE 1A 50V 30A-Ifsm 0.7Vf 0.5A-IR SMA 5K/REEL 1 A, 50 V, SILICON, SIGNAL DIODE
|
Diodes Incorporated http:// Diodes, Inc.
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CMS03 |
Schottky Barrier Rectifier Trench Schottky Barrier Type Switching Mode Power Supply Applications Portable Equipment Battery Applications TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
|
TOSHIBA[Toshiba Semiconductor]
|
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
FST30050 FST30035 FST30040 FST30045 FST30035A FST3 |
Schottky Rectifier Schottky PowerMod 150 A, 35 V, SILICON, RECTIFIER DIODE, TO-244AB
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-COLORADO
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
SMBSR106 SMB5817 SMB5819 SMB5818 SMBSR108 |
(SMBSR105 - SMBSR1010) 1A Schottky Rectifier (SMB5817 - SMB5819) 1A Schottky Rectifier
|
Microsemi
|